PART |
Description |
Maker |
8542 8540 8544 8547 8543 8546 8545 8548 |
INDUCTORS Inductors Designed for Nationals 150 KHz SIMPLE SWITCHERTM 电感电感器专为国50千赫简SWITCHERTM
|
Filtran Ltd. Filtran, Ltd.
|
ELJPAR22DF ELJPAR22JF ELJPAR22KF ELJPAR22MF ELJPC6 |
High Power Type PF, PE, PC, PA, PB Fixed Inductors (Chip Inductors)
|
Panasonic Semiconductor
|
8402-XXX 8402-010 8402-015 8402-681 8402-022 8402- |
Inductors Surface Mount High Current Power Inductors
|
FILTRAN[Filtran LTD]
|
8404-100 8404-22G 8404-330 8404-XXX 8404-331 8404- |
Inductors Surface Mount Drum Core Power Inductors
|
FILTRAN[Filtran LTD]
|
0603HP-16NXL 0603HP-R20XGLW 0603HP-R20X-L- 0603HP- |
Higher Q and lower DCR than other 0603 inductors, Highest SRF values ?as high as 16 GHz Chip Inductors - 0603HP Series
|
Coilcraft lnc.
|
3621A100MT1676954-1 |
Inductors; 3621A 10UH 20% ( Sigma Inductors )
|
Tyco Electronics
|
CTX250-1-52-R CTX250-1-52LP-R CTX250-1-52M-R CTX25 |
LOWCOST POWER INDUCTORS Toroidal Inductors
|
Cooper Bussmann, Inc.
|
F1750-026-118 F1750 F1750-003-013 F1750-003-015 F1 |
Suppression Inductors, VHF Inductors
|
VISAY[Vishay Siliconix]
|
AIAM-02-R82K AIAM-02-6R8K AIAM-02-681J AIAM-02-R68 |
THROUGH-HOLE MOLDED INDUCTORS 1 ELEMENT, 0.82 uH, GENERAL PURPOSE INDUCTOR THROUGH-HOLE MOLDED INDUCTORS 1 ELEMENT, 6.8 uH, GENERAL PURPOSE INDUCTOR THROUGH-HOLE MOLDED INDUCTORS 1 ELEMENT, 680 uH, GENERAL PURPOSE INDUCTOR THROUGH-HOLE MOLDED INDUCTORS 1 ELEMENT, 0.68 uH, GENERAL PURPOSE INDUCTOR THROUGH-HOLE MOLDED INDUCTORS 1 ELEMENT, 0.22 uH, GENERAL PURPOSE INDUCTOR THROUGH-HOLE MOLDED INDUCTORS 1 ELEMENT, 160 uH, GENERAL PURPOSE INDUCTOR THROUGH-HOLE MOLDED INDUCTORS 1 ELEMENT, 1.5 uH, GENERAL PURPOSE INDUCTOR THROUGH-HOLE MOLDED INDUCTORS 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR THROUGH-HOLE MOLDED INDUCTORS 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR THROUGH-HOLE MOLDED INDUCTORS 1 ELEMENT, 110 uH, GENERAL PURPOSE INDUCTOR THROUGH-HOLE MOLDED INDUCTORS 1 ELEMENT, 240 uH, GENERAL PURPOSE INDUCTOR THROUGH-HOLE MOLDED INDUCTORS 1 ELEMENT, 130 uH, GENERAL PURPOSE INDUCTOR
|
Abracon, Corp.
|
1XF00220SH1M 1XF06800SH1M 1XFSH1M 1XF02200SH1M 1XF |
INDUCTORS SHIELDED INDUCTORS
|
XFMRS Inc.
|
1008PS-102KL 1008PS-104KL- 1008PS-103KL- 1008PS-68 |
Higher SRF than our other power inductors, High inductance with tight tolerance Shielded High SRF Inductors 1008PS Shielded High SRF Inductors 1008PS
|
Coilcraft lnc.
|
RX9PNP-152J-35 RX9PNP-122J-35 RX9PNP-102J-35 RX9PN |
1 ELEMENT, 3900 uH, GENERAL PURPOSE INDUCTOR POWER INDUCTORS Pin Type: RX Series POWER INDUCTORS < Pin Type: RX Series> POWER INDUCTORS , Pin Type: RX Series
|
Sumida Corporation
|